Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB12UN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMPB12UN
Description  20 V single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB12UN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMPB12UN Datasheet HTML 3Page - NXP Semiconductors PMPB12UN Datasheet HTML 4Page - NXP Semiconductors PMPB12UN Datasheet HTML 5Page - NXP Semiconductors PMPB12UN Datasheet HTML 6Page - NXP Semiconductors PMPB12UN Datasheet HTML 7Page - NXP Semiconductors PMPB12UN Datasheet HTML 8Page - NXP Semiconductors PMPB12UN Datasheet HTML 9Page - NXP Semiconductors PMPB12UN Datasheet HTML 10Page - NXP Semiconductors PMPB12UN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
PMPB12UN
20 V single N-channel Trench MOSFET
PMPB12UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
6 July 2012
7 / 15
VDS (V)
0
4
3
1
2
017aaa614
10
20
30
ID
(A)
0
4.5 V
2.5 V
2.25 V
1.75 V
1.5 V
1.25 V
VGS = 2 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
017aaa615
VGS (V)
0
1.5
1.0
0.5
10-5
10-4
10-3
10-2
ID
(A)
10-6
min
typ
max
Tj = 25 °C; VDS = 5 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
017aaa616
ID (A)
0
30
20
10
0.02
0.03
0.01
0.04
0.05
RDSon
(Ω)
0
1.4 V 1.5 V
1.8 V
2.5 V
4.5 V
VGS = 10 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
5
4
2
3
1
017aaa617
0.04
0.06
0.02
0.08
0.10
RDSon
(Ω)
0
(1)
(2)
ID = 200 mA
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com