Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
10 Ps/DIV
VS = 2.5V
AV = +1
VIN = 1 VPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
10 Ps/DIV
VS = 2.5V
AV = +1
VIN = 100 mVPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
2 Ps/DIV
|
|
VS = 5V
AV = -50 V/V
RL = 10 k:
10 Ps/DIV
|
|
VS = 5V
AV = -50 V/V
RL = 10 k:
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
40
80
120
160
200
5.5
RL = 10 k:
125°C
85°C
25°C
-40°C
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
5.5
RL = 10 k:
125°C
85°C
25°C
-40°C
LMP2021, LMP2022
www.ti.com
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5V, VCM = VS/2.
Output Swing High
Output Swing Low
vs.
vs.
Supply Voltage
Supply Voltage
Figure 29.
Figure 30.
Overload Recovery Time
Overload Recovery Time
Figure 31.
Figure 32.
Large Signal Step Response
Small Signal Step Response
Figure 33.
Figure 34.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com