Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
10
100
1k
10k
FREQUENCY (Hz)
1
10
100
GAIN = 1000
GAIN = 500
GAIN = 250
GAIN = 100
GAIN = 51
GAIN = 10
1
10
100
1000
CLOSED LOOP GAIN (V/V)
0
4
8
12
16
20
24
VS = 5V
f = 100 Hz
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
Figure 39. Input Voltage Noise Density decreases with Gain
Figure 40 shows the input voltage noise density does not have the 1/f component.
Figure 40. Input Voltage Noise Density with no 1/f
With smaller and smaller input signals and high precision applications with lower error budget, the reduced input
voltage noise and no 1/f noise allow more flexibility in circuit design.
ACHIEVING LOWER NOISE WITH FILTERING
The low input voltage noise of the LMP2021/LMP2022, and no 1/f noise make these suitable for many
applications with noise sensitive designs. Simple filtering can be done on the LMP2021/LMP2022 to remove high
frequency noise. Figure 41 shows a simple circuit that achieves this.
In Figure 41 CF and the corner frequency of the filter resulting from CF and RF will reduce the total noise.
14
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com