Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments LMP2021 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LMP2021/
LMP2022
RIN/RF
IN
+
-
RIN
RF
RFILT
LMV771
-
+
RFILT
OUT
CFILT
IN
+
-
RIN//RF
RF
RIN
CF
LMP2021, LMP2022
www.ti.com
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
Figure 41. Noise Reducing Filter for Lower Gains
In order to achieve lower noise floors for even more noise stringent applications, a simple filter can be added to
the op amp’s output after the amplification stage. Figure 42 shows the schematic of a simple circuit which
achieves this objective. Low noise amplifiers such as the LMV771 can be used to create a single pole low pass
filter on the output of the LMP2021/LMP2022. The noise performance of the filtering amplifier, LMV771 in this
circuit, will not be dominant as the input signal on LMP2021/LMP2022 has already been significantly gained up
and as a result the effect of the input voltage noise of the LMV771 is effectively not noticeable.
Figure 42. Enhanced Filter to Further Reduce Noise at Higher Gains
Using the circuit in Figure 42 has the advantage of removing the non-linear filter bandwidth dependency which is
seen when the circuit in Figure 41 is used. The difference in noise performance of the circuits in Figure 41, 8
becomes apparent only at higher gains. At voltage gains of 10 V/V or less, there is no difference between the
noise performance of the two circuits.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com