Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 12Page - Texas Instruments LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments LMP2021 Datasheet HTML 19Page - Texas Instruments LMP2021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
10
100
1k
10k
3 dB FILTER BANDWIDTH (Hz)
0.01
0.1
1
10
AV = 60 dB
AV = 40 dB
2-Stage Filter
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
Figure 43. RMS Input Referred Noise vs. Frequency
Figure 43 shows the total input referred noise vs. 3 dB corner of both filters of Figure 41 and Figure 42 at gains
of 100V/V and 1000V/V. For these measurements and using Figure 41's circuit, RF = 49.7 kΩ and RIN = 497Ω.
Value of CF has been changed to achieve the desired 3 dB filter corner frequency. In the case of Figure 42's
circuit, RF = 49.7 kΩ and RIN = 497Ω, RFILT = 49.7 kΩ, and CFILT has been changed to achieve the desired 3 dB
filter corner frequency. Figure 43 compares the RMS noise of these two circuits. As Figure 43 shows, the RMS
noise measured the circuit in Figure 42 has lower values and also depicts a more linear shape.
DIGITAL ACQUISITION SYSTEMS
High resolution ADC’s with 16-bits to 24-bits of resolution can be limited by the noise of the amplifier driving
them. The circuit configuration, the value of the resistors used and the source impedance seen by the amplifier
can affect the noise of the amplifier. The total noise at the output of the amplifier can be dominated by one of
several sources of noises such as: white noise or broad band noise, 1/f noise, thermal noise, and current noise.
In low frequency applications such as medical instrumentation, the source impedance is generally low enough
that the current noise coupled into it does not impact the total noise significantly. However, as the 1/f or flicker
noise is paramount to many application, the use of an auto correcting stabilized amplifier like the
LMP2021/LMP2022 reduces the total noise.
Table 1: RMS Input Noise Performance summarizes the input and output referred RMS noise values for the
LMP2021/LMP2022 compared to that of Competitor A. As described in previous sections, the outstanding noise
performance of the LMP2021/LMP2022 can be even further improved by adding a simple low pass filter following
the amplification stage.
The use of an additional filter, as shown in Figure 42 benefits applications with higher gain. For this reason, at a
gain of 10, only the results of circuit in Figure 41 are shown. The RMS input noise of the LMP2021/LMP2022 are
compared with Competitor A's input noise performance. Competitor A's RMS input noise behaves the same with
or without an additional filter.
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com