Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 203 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 203 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 199Page - Microsemi Corporation IO137RSB2 Datasheet HTML 200Page - Microsemi Corporation IO137RSB2 Datasheet HTML 201Page - Microsemi Corporation IO137RSB2 Datasheet HTML 202Page - Microsemi Corporation IO137RSB2 Datasheet HTML 203Page - Microsemi Corporation IO137RSB2 Datasheet HTML 204Page - Microsemi Corporation IO137RSB2 Datasheet HTML 205Page - Microsemi Corporation IO137RSB2 Datasheet HTML 206Page - Microsemi Corporation IO137RSB2 Datasheet HTML 207Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
5 - 7
v2.0
(April 2007)
In the "Packaging Tables", Ambient was deleted.
ii
The timing characteristics tables were updated.
N/A
The "PLL Macro" section was updated to add information on the VCO and PLL
outputs during power-up.
2-15
The "PLL Macro" section was updated to include power-up information.
2-15
Table 2-11 • ProASIC3 CCC/PLL Specification was updated.
2-29
Figure 2-19 • Peak-to-Peak Jitter Definition is new.
2-18
The "SRAM and FIFO" section was updated with operation and timing
requirement information.
2-21
The "RESET" section was updated with read and write information.
2-25
The "RESET" section was updated with read and write information.
2-25
The "Introduction" in the "Advanced I/Os" section was updated to include
information on input and output buffers being disabled.
2-28
PCI-X 3.3 V was added to Table 2-11 • VCCI Voltages and Compatible
Standards.
2-29
In the Table 2-15 • Levels of Hot-Swap Support, the ProASIC3 compliance
descriptions were updated for levels 3 and 4.
2-34
Table 2-43 • I/O Hot-Swap and 5 V Input Tolerance Capabilities in ProASIC3
Devices was updated.
2-64
Notes 3, 4, and 5 were added to Table 2-17 • Comparison Table for 5 V–
Compliant Receiver Scheme. 5 x 52.72 was changed to 52.7 and the Maximum
current was updated from 4 x 52.7 to 5 x 52.7.
2-40
The "VCCPLF PLL Supply Voltage" section was updated.
2-50
The "VPUMP Programming Supply Voltage" section was updated.
2-50
The "GL Globals" section was updated to include information about direct input
into quadrant clocks.
2-51
VJTAG was deleted from the "TCK Test Clock" section.
2-51
In Table 2-22 • Recommended Tie-Off Values for the TCK and TRST Pins, TSK
was changed to TCK in note 2. Note 3 was also updated.
2-51
Ambient was deleted from Table 3-2 • Recommended Operating Conditions.
VPUMP programming mode was changed from "3.0 to 3.6" to "3.15 to 3.45".
3-2
Note 3 is new in Table 3-4 • Overshoot and Undershoot Limits (as measured on
quiet I/Os)1.
3-2
In EQ 3-2, 150 was changed to 110 and the result changed from 3.9 to 1.951.
3-5
Table 3-6 • Temperature and Voltage Derating Factors for Timing Delays was
updated.
3-6
Table 3-5 • Package Thermal Resistivities was updated.
3-5
Table 3-14 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions—Software Default Settings
(Advanced) and Table 3-17 • Summary of Maximum and Minimum DC Input
Levels Applicable to Commercial and Industrial Conditions (Standard Plus) were
updated.
3-17 to 3-
17
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com