Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 202 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 202 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 198Page - Microsemi Corporation IO137RSB2 Datasheet HTML 199Page - Microsemi Corporation IO137RSB2 Datasheet HTML 200Page - Microsemi Corporation IO137RSB2 Datasheet HTML 201Page - Microsemi Corporation IO137RSB2 Datasheet HTML 202Page - Microsemi Corporation IO137RSB2 Datasheet HTML 203Page - Microsemi Corporation IO137RSB2 Datasheet HTML 204Page - Microsemi Corporation IO137RSB2 Datasheet HTML 205Page - Microsemi Corporation IO137RSB2 Datasheet HTML 206Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 210 page
background image
Datasheet Information
5- 6
R ev isio n 1 5
Revision 2 (cont’d)
The "ProASIC3 FPGAs Package Sizes Dimensions" table is new.
II
In the "ProASIC3 Ordering Information", the QN package measurements were
updated to include both 0.4 mm and 0.5 mm.
III
In the General Description section the number of I/Os was updated from 288 to
300.
1-1
Packaging v1.2
The "QN68 – Bottom View" section is new.
4-3
Revision 1 (Feb 2008)
DC and Switching
Characteristics v1.1
In Table 2-2 • Recommended Operating Conditions 1, TJ was listed in the symbol
column and was incorrect. It was corrected and changed to TA.
2-2
In Table 2-3 • Flash Programming Limits – Retention, Storage and Operating
Temperature, Maximum Operating Junction Temperature was changed from
110°C to 100°C for both commercial and industrial grades.
2-2
The "PLL Behavior at Brownout Condition" section is new.
2-3
In the "PLL Contribution—PPLL" section, the following was deleted:
FCLKIN is the input clock frequency.
2-13
In Table 2-21 • Summary of Maximum and Minimum DC Input Levels, the note
was incorrect. It previously said TJ and it was corrected and changed to TA.
2-20
In Table 2-115 • ProASIC3 CCC/PLL Specification, the SCLK parameter and note
1 are new.
2-89
Table 2-125 • JTAG 1532 was populated with the parameter data, which was not
in the previous version of the document.
2-107
Packaging v1.1
In the "VQ100" A3P030 pin table, the function of pin 63 was incorrect and
changed from IO39RSB0 to GDB0/IO38RSB0.
4-19
Revision 0 (Jan 2008) This document was previously in datasheet v2.2. As a result of moving to the
handbook format, Actel has restarted the version numbers.
N/A
v2.2
(July 2007)
The M7 and M1 device part numbers have been updated in Table 1 • ProASIC3
Product
Family,
"I/Os
Per
Package",
"Automotive
ProASIC3
Ordering
Information",
"Temperature
Grade
Offerings",
and
"Speed
Grade
and
Temperature Grade Matrix".
i, ii, iii,
iii, iv
The words "ambient temperature" were added to the temperature range in the
"Automotive ProASIC3 Ordering Information", "Temperature Grade Offerings",
and "Speed Grade and Temperature Grade Matrix" sections.
iii, iv
The TJ parameter in Table 3-2 • Recommended Operating Conditions was
changed to TA, ambient temperature, and table notes 4–6 were added.
3-2
v2.1
(May 2007)
In the "Clock Conditioning Circuit (CCC) and PLL" section, the Wide Input
Frequency Range (1.5 MHz to 200 MHz) was changed to (1.5 MHz to 350 MHz).
i
The "Clock Conditioning Circuit (CCC) and PLL" section was updated.
i
In the "I/Os Per Package" section, the A3P030, A3P060, A3P125, ACP250, and
A3P600 device I/Os were updated.
ii
Table
3-5 • Package
Thermal
Resistivities
was
updated
with
A3P1000
information. The note below the table is also new.
3-5
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com