Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 206 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 206 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 202Page - Microsemi Corporation IO137RSB2 Datasheet HTML 203Page - Microsemi Corporation IO137RSB2 Datasheet HTML 204Page - Microsemi Corporation IO137RSB2 Datasheet HTML 205Page - Microsemi Corporation IO137RSB2 Datasheet HTML 206Page - Microsemi Corporation IO137RSB2 Datasheet HTML 207Page - Microsemi Corporation IO137RSB2 Datasheet HTML 208Page - Microsemi Corporation IO137RSB2 Datasheet HTML 209Page - Microsemi Corporation IO137RSB2 Datasheet HTML 210Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 206 / 210 page
background image
Datasheet Information
5- 10
R e v i sio n 1 5
Advance v0.6
(continued)
The "Programming" section was updated to include information concerning
serialization.
2-53
The "JTAG 1532" section was updated to include SAMPLE/PRELOAD
information.
2-54
"DC and Switching Characteristics" chapter was updated with new information.
3-1
The A3P060 "100-Pin VQFP" pin table was updated.
4-13
The A3P125 "100-Pin VQFP" pin table was updated.
4-13
The A3P060 "144-Pin TQFP" pin table was updated.
4-16
The A3P125 "144-Pin TQFP" pin table was updated.
4-18
The A3P125 "208-Pin PQFP" pin table was updated.
4-21
The A3P400 "208-Pin PQFP" pin table was updated.
4-25
The A3P060 "144-Pin FBGA" pin table was updated.
4-32
The A3P125 "144-Pin FBGA" pin table is new.
4-34
The A3P400 "144-Pin FBGA" is new.
4-38
The A3P400 "256-Pin FBGA" was updated.
4-48
The A3P1000 "256-Pin FBGA" was updated.
4-54
The A3P400 "484-Pin FBGA" was updated.
4-58
The A3P1000 "484-Pin FBGA" was updated.
4-68
The A3P250 "100-Pin VQFP*" pin table was updated.
4-14
The A3P250 "208-Pin PQFP*" pin table was updated.
4-23
The A3P1000 "208-Pin PQFP*" pin table was updated.
4-29
The A3P250 "144-Pin FBGA*" pin table was updated.
4-36
The A3P1000 "144-Pin FBGA*" pin table was updated.
4-32
The A3P250 "256-Pin FBGA*" pin table was updated.
4-45
The A3P1000 "256-Pin FBGA*" pin table was updated.
4-54
The A3P1000 "484-Pin FBGA*" pin table was updated.
4-68
Advance v0.5
(November 2005)
The "I/Os Per Package" table was updated for the following devices and
packages:
Device
Package
A3P250/M7ACP250
VQ100
A3P250/M7ACP250
FG144
A3P1000
FG256
ii
Advance v0.4
M7 device information is new.
N/A
The I/O counts in the "I/Os Per Package" table were updated.
ii
Advance v0.3
The "I/Os Per Package" table was updated.
ii
M7 device information is new.
N/A
Table 2-4 • ProASIC3 Globals/Spines/Rows by Device was updated to include
the number or rows in each top or bottom spine.
2-16
EXTFB was removed from Figure 2-24 • ProASIC3E CCC Options.
2-24
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com