Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 149 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 149 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 145Page - Microsemi Corporation IO134RSB2 Datasheet HTML 146Page - Microsemi Corporation IO134RSB2 Datasheet HTML 147Page - Microsemi Corporation IO134RSB2 Datasheet HTML 148Page - Microsemi Corporation IO134RSB2 Datasheet HTML 149Page - Microsemi Corporation IO134RSB2 Datasheet HTML 150Page - Microsemi Corporation IO134RSB2 Datasheet HTML 151Page - Microsemi Corporation IO134RSB2 Datasheet HTML 152Page - Microsemi Corporation IO134RSB2 Datasheet HTML 153Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 33
PQ208
Pin Number
A3P400 Function
1GND
2
GAA2/IO155UDB3
3
IO155VDB3
4
GAB2/IO154UDB3
5
IO154VDB3
6
GAC2/IO153UDB3
7
IO153VDB3
8
IO152UDB3
9
IO152VDB3
10
IO151UDB3
11
IO151VDB3
12
IO150PDB3
13
IO150NDB3
14
IO149PDB3
15
IO149NDB3
16
VCC
17
GND
18
VCCIB3
19
IO148PDB3
20
IO148NDB3
21
GFC1/IO147PDB3
22
GFC0/IO147NDB3
23
GFB1/IO146PDB3
24
GFB0/IO146NDB3
25
VCOMPLF
26
GFA0/IO145NPB3
27
VCCPLF
28
GFA1/IO145PPB3
29
GND
30
GFA2/IO144PDB3
31
IO144NDB3
32
GFB2/IO143PDB3
33
IO143NDB3
34
GFC2/IO142PDB3
35
IO142NDB3
36
NC
37
IO141PSB3
38
IO140PDB3
39
IO140NDB3
40
VCCIB3
41
GND
42
IO138PDB3
43
IO138NDB3
44
GEC1/IO137PDB3
45
GEC0/IO137NDB3
46
GEB1/IO136PDB3
47
GEB0/IO136NDB3
48
GEA1/IO135PDB3
49
GEA0/IO135NDB3
50
VMV3
51
GNDQ
52
GND
53
VMV2
54
NC
55
GEA2/IO134RSB2
56
GEB2/IO133RSB2
57
GEC2/IO132RSB2
58
IO131RSB2
59
IO130RSB2
60
IO129RSB2
61
IO128RSB2
62
VCCIB2
63
IO125RSB2
64
IO123RSB2
65
GND
66
IO121RSB2
67
IO119RSB2
68
IO117RSB2
69
IO115RSB2
70
IO113RSB2
71
VCC
72
VCCIB2
PQ208
Pin Number
A3P400 Function
73
IO112RSB2
74
IO111RSB2
75
IO110RSB2
76
IO109RSB2
77
IO108RSB2
78
IO107RSB2
79
IO106RSB2
80
IO104RSB2
81
GND
82
IO102RSB2
83
IO101RSB2
84
IO100RSB2
85
IO99RSB2
86
IO98RSB2
87
IO97RSB2
88
VCC
89
VCCIB2
90
IO94RSB2
91
IO92RSB2
92
IO90RSB2
93
IO88RSB2
94
IO86RSB2
95
IO84RSB2
96
GDC2/IO82RSB2
97
GND
98
GDB2/IO81RSB2
99
GDA2/IO80RSB2
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV2
105
GND
106
VPUMP
107
NC
108
TDO
PQ208
Pin Number
A3P400 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com