Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 153 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 153 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 149Page - Microsemi Corporation IO134RSB2 Datasheet HTML 150Page - Microsemi Corporation IO134RSB2 Datasheet HTML 151Page - Microsemi Corporation IO134RSB2 Datasheet HTML 152Page - Microsemi Corporation IO134RSB2 Datasheet HTML 153Page - Microsemi Corporation IO134RSB2 Datasheet HTML 154Page - Microsemi Corporation IO134RSB2 Datasheet HTML 155Page - Microsemi Corporation IO134RSB2 Datasheet HTML 156Page - Microsemi Corporation IO134RSB2 Datasheet HTML 157Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 37
PQ208
Pin Number
A3P1000 Function
1GND
2
GAA2/IO225PDB3
3
IO225NDB3
4
GAB2/IO224PDB3
5
IO224NDB3
6
GAC2/IO223PDB3
7
IO223NDB3
8
IO222PDB3
9
IO222NDB3
10
IO220PDB3
11
IO220NDB3
12
IO218PDB3
13
IO218NDB3
14
IO216PDB3
15
IO216NDB3
16
VCC
17
GND
18
VCCIB3
19
IO212PDB3
20
IO212NDB3
21
GFC1/IO209PDB3
22
GFC0/IO209NDB3
23
GFB1/IO208PDB3
24
GFB0/IO208NDB3
25
VCOMPLF
26
GFA0/IO207NPB3
27
VCCPLF
28
GFA1/IO207PPB3
29
GND
30
GFA2/IO206PDB3
31
IO206NDB3
32
GFB2/IO205PDB3
33
IO205NDB3
34
GFC2/IO204PDB3
35
IO204NDB3
36
VCC
37
IO199PDB3
38
IO199NDB3
39
IO197PSB3
40
VCCIB3
41
GND
42
IO191PDB3
43
IO191NDB3
44
GEC1/IO190PDB3
45
GEC0/IO190NDB3
46
GEB1/IO189PDB3
47
GEB0/IO189NDB3
48
GEA1/IO188PDB3
49
GEA0/IO188NDB3
50
VMV3
51
GNDQ
52
GND
53
VMV2
54
GEA2/IO187RSB2
55
GEB2/IO186RSB2
56
GEC2/IO185RSB2
57
IO184RSB2
58
IO183RSB2
59
IO182RSB2
60
IO181RSB2
61
IO180RSB2
62
VCCIB2
63
IO178RSB2
64
IO176RSB2
65
GND
66
IO174RSB2
67
IO172RSB2
68
IO170RSB2
69
IO168RSB2
70
IO166RSB2
71
VCC
72
VCCIB2
PQ208
Pin Number
A3P1000 Function
73
IO162RSB2
74
IO160RSB2
75
IO158RSB2
76
IO156RSB2
77
IO154RSB2
78
IO152RSB2
79
IO150RSB2
80
IO148RSB2
81
GND
82
IO143RSB2
83
IO141RSB2
84
IO139RSB2
85
IO137RSB2
86
IO135RSB2
87
IO133RSB2
88
VCC
89
VCCIB2
90
IO128RSB2
91
IO126RSB2
92
IO124RSB2
93
IO122RSB2
94
IO120RSB2
95
IO118RSB2
96
GDC2/IO116RSB2
97
GND
98
GDB2/IO115RSB2
99
GDA2/IO114RSB2
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV2
105
GND
106
VPUMP
107
GNDQ
108
TDO
PQ208
Pin Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com