Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 151 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 151 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 147Page - Microsemi Corporation IO134RSB2 Datasheet HTML 148Page - Microsemi Corporation IO134RSB2 Datasheet HTML 149Page - Microsemi Corporation IO134RSB2 Datasheet HTML 150Page - Microsemi Corporation IO134RSB2 Datasheet HTML 151Page - Microsemi Corporation IO134RSB2 Datasheet HTML 152Page - Microsemi Corporation IO134RSB2 Datasheet HTML 153Page - Microsemi Corporation IO134RSB2 Datasheet HTML 154Page - Microsemi Corporation IO134RSB2 Datasheet HTML 155Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 35
PQ208
Pin Number
A3P600 Function
1GND
2
GAA2/IO174PDB3
3
IO174NDB3
4
GAB2/IO173PDB3
5
IO173NDB3
6
GAC2/IO172PDB3
7
IO172NDB3
8
IO171PDB3
9
IO171NDB3
10
IO170PDB3
11
IO170NDB3
12
IO169PDB3
13
IO169NDB3
14
IO168PDB3
15
IO168NDB3
16
VCC
17
GND
18
VCCIB3
19
IO166PDB3
20
IO166NDB3
21
GFC1/IO164PDB3
22
GFC0/IO164NDB3
23
GFB1/IO163PDB3
24
GFB0/IO163NDB3
25
VCOMPLF
26
GFA0/IO162NPB3
27
VCCPLF
28
GFA1/IO162PPB3
29
GND
30
GFA2/IO161PDB3
31
IO161NDB3
32
GFB2/IO160PDB3
33
IO160NDB3
34
GFC2/IO159PDB3
35
IO159NDB3
36
VCC
37
IO152PDB3
38
IO152NDB3
39
IO150PSB3
40
VCCIB3
41
GND
42
IO147PDB3
43
IO147NDB3
44
GEC1/IO146PDB3
45
GEC0/IO146NDB3
46
GEB1/IO145PDB3
47
GEB0/IO145NDB3
48
GEA1/IO144PDB3
49
GEA0/IO144NDB3
50
VMV3
51
GNDQ
52
GND
53
VMV2
54
GEA2/IO143RSB2
55
GEB2/IO142RSB2
56
GEC2/IO141RSB2
57
IO140RSB2
58
IO139RSB2
59
IO138RSB2
60
IO137RSB2
61
IO136RSB2
62
VCCIB2
63
IO135RSB2
64
IO133RSB2
65
GND
66
IO131RSB2
67
IO129RSB2
68
IO127RSB2
69
IO125RSB2
70
IO123RSB2
71
VCC
72
VCCIB2
PQ208
Pin Number
A3P600 Function
73
IO120RSB2
74
IO119RSB2
75
IO118RSB2
76
IO117RSB2
77
IO116RSB2
78
IO115RSB2
79
IO114RSB2
80
IO112RSB2
81
GND
82
IO111RSB2
83
IO110RSB2
84
IO109RSB2
85
IO108RSB2
86
IO107RSB2
87
IO106RSB2
88
VCC
89
VCCIB2
90
IO104RSB2
91
IO102RSB2
92
IO100RSB2
93
IO98RSB2
94
IO96RSB2
95
IO92RSB2
96
GDC2/IO91RSB2
97
GND
98
GDB2/IO90RSB2
99
GDA2/IO89RSB2
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV2
105
GND
106
VPUMP
107
GNDQ
108
TDO
PQ208
Pin Number
A3P600 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com