Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3DPFP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
THERMAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RθJA
Junction-to-free-air thermal resistance
Board-mounted, no air flow, high conductivity Texas
19.04
°C/W
Instruments-recommended test board, chip soldered or
RθJC
Junction-to-case-thermal resistance
0.17
°C/W
greased to thermal land with 2-oz. copper.
RθJA
Junction-to-free-air thermal resistance
Board-mounted, no air flow, high-conductivity Texas
31.52
°C/W
Instruments recommended test board with thermal land
but no solder or grease thermal connection to thermal
RθJC
Junction-to-case-thermal resistance
0.17
°C/W
land with 2-oz. copper.
RθJA
Junction-to-free-air thermal resistance
49.17
°C/W
Board-mounted, no air flow, high-conductivity JEDEC
test board with 1-oz. copper
RθJC
Junction-to-case-thermal resistance
3.11
°C/W
RθJA
Junction-to-free-air thermal resistance
Two-sided JEDEC test card, no air flow
52.66
°C/W
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
1394a-2000
0.3
0.8
ns
tr
TP differential rise time, transmit
10% to 90%, At 1394 connector
1394a-2000 S400B
80
800
ps
1394a-2000
0.3
0.8
ns
tf
TP differential fall time, transmit
90% to 10%, At 1394 connector
1394a-2000 S400B
80
800
ps
Setup time, CTL0, CTL1, D1–D7,
tsu
1394a-2000
50% to 50%, See Figure 2
2.5
ns
LREQ to PCLK
Hold time, CTL0, CTL1, D1–D7, LREQ
th
1394a-2000
50% to 50%, See Figure 2
0
ns
after PCLK
Setup time, CTL0, CTL1, D1–D7,
tsu
1394b
50% to 50%, See Figure 2
2.5
ns
LREQ to LCLK_PMC
Hold time, CTL0, CTL1, D1–D7, LREQ
th
1394b
50% to 50%, See Figure 2
0
ns
after LCLK_PMC
Delay time, PCLK to CTL0, CTL1,
1394a-2000 and
td
50% to 50%, See Figure 3
0.5
7
ns
D1–D7, PINT
1394b
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com