Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3DPFP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 39Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 40Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 41Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 42Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
SYSCLK
ISO
(high)
(a)
(c)
(b)
CTL0
D0–D7
LREQ
LPS
(d)
tCLK_ACTIVATE
CTL1
7 Cycles
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
After the interface has been reset, or reset and then disabled, the interface is initialized and restored to normal
operation when LPS is reasserted by the LLC. Figure 21 shows the timing for interface initialization.
Figure 21. Interface Initialization
The sequence of events for initialization of the PHY-LLC is as follows:
a. LPS reasserted. After the interface has been in the reset or disabled state for at least the minimum tRESTORE
time, the LLC causes the interface to be initialized and restored to normal operation by reasserting the LPS
signal. (In Figure 21, the interface is shown in the disabled state with PCLK inactive. However, the interface
initialization sequence described here is also executed if the interface is merely reset but not yet disabled.)
b. PCLK activated. If the interface is disabled, then the PHY reactivates its PCLK output when it detects that
LPS has been reasserted. If the PHY has entered a low-power state, then it takes between 5.3 ms and 7.3
ms for PCLK to be restored; if the PHY is not in a low-power state, then the PCLK is restored within 60 ns.
The PCLK output is a 50% duty cycle square wave with a frequency of 49.152 MHz ±100 ppm (period of
20.345 ns). During the first 7 cycles of PCLK, the PHY continues to drive the CTL and D terminals low. The
LLC is also required to drive its CTL and D outputs low for one of the first 6 cycles of PCLK but otherwise to
place its CTL and D outputs in the high-impedance state. The LLC continues to drive its LREQ output low
during this time.
c. Receive indicated. On the eighth PCLK cycle following reassertion of LPS, the PHY asserts the receive state
on the CTL lines and the data-on indication (all 1s) on the D lines for one or more cycles.
d. Initialization complete. The PHY asserts the idle state on the CTL lines and logic 0 on the D lines. This
indicates that the PHY-LLC interface initialization is complete and normal operation can commence. The
PHY now accepts requests from the LLC via the LREQ line.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com