Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3DPFP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 34Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
It is recommended that the RHB and gap-count register only be updated by PHY configuration packets. The
TSB41BA3D is 1394a- and 1394b-compliant, and therefore, both the reception and transmission of PHY
configuration packets cause the RHB and gap-count register to be loaded, unlike older IEEE Std
1394-1995-compliant PHYs which decode only received PHY configuration packets.
The gap-count register is set to the maximum value of 63 after two consecutive bus resets without an intervening
write to the gap-count register, either by a write to PHY register 1 or by a PHY configuration packet. This
mechanism allows a PHY configuration packet to be transmitted and then a bus reset to be initiated so as to
verify that all nodes on the bus have updated their RHBs and gap-count register values, without having the
gap-count register set back to 63 by the bus reset. The subsequent connection of a new node to the bus, which
initiates a bus reset, then causes the gap-count register of each node to be set to 63. Note, however, that if a
subsequent bus reset is instead initiated by a write to register 1 to set the IBR bit, then all other nodes on the bus
have their gap-count register values set to 63, while this node's gap-count register remains set to the value just
loaded by the write to PHY register 1.
Therefore, in order to maintain consistent gap-count registers throughout the bus, the following rules apply to the
use of the IBR bit, RHB, and gap-count register in PHY register 1:
• Following the transmission of a PHY configuration packet, a bus reset must be initiated in order to verify that
all nodes have correctly updated their RHBs and gap-count register values, and to ensure that a subsequent
new connection to the bus causes the gap-count register to be set to 63 on all nodes in the bus. If this bus
reset is initiated by setting the IBR bit to 1, then the RHB and gap-count register must also be loaded with the
correct values consistent with the just-transmitted PHY configuration packet. In the TSB41BA3D, the RHB
and gap-count register have been updated to their correct values on the transmission of the PHY
configuration packet and so these values can first be read from register 1 and then rewritten.
• Other than to initiate the bus reset, which must follow the transmission of a PHY configuration packet,
whenever the IBR bit is set to 1 in order to initiate a bus reset, the gap-count register value must also be set
to 63 so as to be consistent with other nodes on the bus, and the RHB must be maintained with its current
value.
• The PHY register 1 must not be written to except to set the IBR bit. The RHB and gap-count register must not
be written without also setting the IBR bit to 1.
• To avoid these problems, all bus resets initiated by software must be initiated by writing the ISBR bit (bit 1
PHY register 0101b). Care must be taken to not change the value of any of the other writeable bits in this
register when the ISBR bit is written to. Also, the only means to change the gap count of any node must be
by means of the PHY configuration packet, which changes all nodes to the same gap count.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com