Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3DPFP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 5Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 6Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 7Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 8Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 9Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Table 1. Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
PFP
NAME
TYPE
NO.
PLLGND
Supply
25, 28
–
PLL circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
PLLVDD-CORE
Supply
29, 30
–
PLL core circuit power terminals. A combination of high-frequency decoupling capacitors
near each terminal is suggested, such as paralleled 0.1
µF and
0.001
µF. An additional 1-µF capacitor is required for voltage regulation. The
PLLVDD-CORE terminals must be separate from the DVDD-CORE terminals. These supply
terminals are separated from the DVDD-CORE, DVDD-3.3, PLLVDD-3.3, and AVDD-3.3
terminals internal to the device to provide noise isolation.
PLLVDD-3.3
Supply
31
–
PLL 3.3-V circuit power terminal. A combination of high-frequency decoupling capacitors
near the terminal are suggested, such as paralleled 0.1
µF and
0.001
µF. Lower frequency 10-µF filtering capacitors are also recommended. This supply
terminal is separated from the DVDD-CORE, DVDD-3.3, PLLVDD-CORE, and AVDD-3.3
terminals internal to the device to provide noise isolation. The DVDD-3.3 terminals must be
tied together at a low-impedance point on the circuit board. The PLLVDD-3.3, AVDD-3.3,
and DVDD-3.3 terminals must be tied together with a low dc impedance connection.
RESET
CMOS
75
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup
resistor to VDD is provided so only an external delay capacitor is required for proper
power-up operation (see power-up reset in the Application Information section). The
RESET terminal also incorporates an internal pulldown which is activated when the PD
input is asserted high. This input is otherwise a standard logic input, and can also be driven
by an open-drain-type driver.
R0
Bias
23
–
Current setting resistor terminals. These terminals are connected to a precision external
R1
22
resistance to set the internal operating currents and cable driver output currents. A
resistance of 6.34 k
Ω ±1% is required to meet the IEEE Std 1394-1995 output voltage
limits.
SE
CMOS
35
I
Test control input. This input is used in the manufacturing test of the TSB41BA3D. For
normal use, this terminal must be pulled low either through a 1-k
Ω resistor to GND or
directly to GND.
SLPEN
CMOS
79
I
Automotive sleep mode enable input. This terminal enables the automotive sleep mode.
When deasserted (logic-low), normal 1394.b functionality is maintained.
SM
CMOS
36
I
Test control input. This input is used in the manufacturing test of the TSB41BA3D. For
normal use this terminal must be pulled low either through a 1-k
Ω resistor to GND or
directly to GND.
S2_PC0
CMOS
66
I
Port sleep/mode selection terminals 2-0 and power-class programming. On hardware reset,
S1_PC1
67
this terminal when used with the other five selection terminals allows the user to select the
S0_PC2
68
speed and mode of the ports. See Table 2. Depending on the selection, these inputs can
set the default value of the power class indicated during self-ID.
Programming is done by tying the terminals high through a 1-k
Ω or smaller resistor or by
tying directly to ground through a 1-k
Ω or smaller resistor. Bus holders are built into these
terminals.
S3
CMOS
33
I
Port sleep/mode selection terminal 3. On hardware reset, this terminal when used with the
other five selection terminals allows the user to select the speed and mode of the ports.
See Table 2. Programming is done by tying the terminals high through a 1-k
Ω or smaller
resistor or by tying directly to ground through a 1-k
Ω or smaller resistor. A bus holder is
built into this terminal.
S4
CMOS
32
I
Port sleep/mode selection terminal 4. On hardware reset, this terminal when used with the
other five selection terminals allows the user to select the speed and mode of the ports.
See Table 2. Programming is done by tying the terminals high through a 1-k
Ω or smaller
resistor or by tying directly to ground through a 1-k
Ω or smaller resistor. A bus holder is
built into this terminal.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com