Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89821 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89821
Description  8-bit Proprietary Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89821 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89821 Datasheet HTML 4Page - fujitsu semiconductor MB89821 Datasheet HTML 5Page - fujitsu semiconductor MB89821 Datasheet HTML 6Page - fujitsu semiconductor MB89821 Datasheet HTML 7Page - fujitsu semiconductor MB89821 Datasheet HTML 8Page - fujitsu semiconductor MB89821 Datasheet HTML 9Page - fujitsu semiconductor MB89821 Datasheet HTML 10Page - fujitsu semiconductor MB89821 Datasheet HTML 11Page - fujitsu semiconductor MB89821 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
MB89820 Series
(Continued)
*1: FPT-80P-M11
*2: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
8
20
P44/SO
E
General-purpose I/O port
A pull-up resistor option is provided.
Also serves as a serial I/O and a UART data output (SO).
7
19
P45/SCK
E
General-purpose I/O port
A pull-up resistor option is provided.
Also serves as a serial I/O and a UART clock I/O (SCK).
The SCK input is hysteresis input.
73 to 40
5 to 1,
80 to 56,
54 to 51
SEG0 to
SEG33
G
LCD controller/driver segment output pins
77 to 74
9 to 6
COM0 to
COM3
G
LCD controller/driver common output pins
80 to 78
12 to 10 V1 to V3
—
LCD driving power supply pins
23
55
VCC
—
Power supply pin
115
VSS
—
Power supply (GND) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com