Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89821 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89821
Description  8-bit Proprietary Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89821 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89821 Datasheet HTML 22Page - fujitsu semiconductor MB89821 Datasheet HTML 23Page - fujitsu semiconductor MB89821 Datasheet HTML 24Page - fujitsu semiconductor MB89821 Datasheet HTML 25Page - fujitsu semiconductor MB89821 Datasheet HTML 26Page - fujitsu semiconductor MB89821 Datasheet HTML 27Page - fujitsu semiconductor MB89821 Datasheet HTML 28Page - fujitsu semiconductor MB89821 Datasheet HTML 29Page - fujitsu semiconductor MB89821 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26
MB89820 Series
3. DC Characteristics
(VCC = V3 = +5.0 V, VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
“H” level input
voltage
VIH
P00 to P07,
P10 to P17,
P20 to P25,
P30 to P33,
P40 to P45
—
0.7 VCC*1
—
VCC + 0.3*1
V
VIHS
RST, MOD0,
MOD1, INT0,
SCK, SI,
PWC/INT1
—0.8 VCC
—
VCC + 0.3
V
“L” level input
voltage
VIL
P00 to P07,
P10 to P17,
P22 to P25,
P30 to P33,
P40 to P45
—VCC – 0.3
—
0.3 VCC*1
V
VILS
RST, MOD0,
MOD1, INT0,
SCK, SI,
PWC/INT1
—VSS – 0.3
—
0.2 VCC
V
Open-drain
output pin
application
voltage
VD
P20 to P25,
P00 to P07,
P10 to P17
—VSS – 0.3
—
VCC + 6.0
V
P00 to P07 and P10
to P17 (when selected
as ports) for the
MB89821/823, and
P20 to P25 without
pull-up resistor
“H” level output
voltage
VOH
P40 to P45
IOH = –2 mA
2.4
—
—
V
“L” level output
voltage
VOL1
P00 to P07,
P10 to P17,
P20 to P25,
P40 to P45
IOL = 1.8 mA
—
—
0.4
V
VOL2
RST
IOL = 4 mA
—
—
0.4
V
Input leakage
current
(Hi-z output
leakage current)
ILI1
MOD0, MOD1,
P30 to P33,
P40 to P45
0.0 V < VI < VCC
——
±5
µA
Without pull-up
resistor for the
MB89821/823
MOD0, MOD1,
P00 to P07,
P10 to P17,
P30 to P33,
P40 to P45
——
±5
µA
Without pull-up
resistor for the
MB89P825/PV820
ILI2
P00 to P07,
P10 to P17,
P20 to P25
0.0 V < VI < 6.0 V
——
±1
µA
Without pull-up
resistor for the
MB89821/823
P20 to P25
—
—
±1
µA
Without pull-up
resistor for the
MB89P825/PV820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com