Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89821 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB89821
Description  8-bit Proprietary Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89821 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB89821 Datasheet HTML 1Page - fujitsu semiconductor MB89821 Datasheet HTML 2Page - fujitsu semiconductor MB89821 Datasheet HTML 3Page - fujitsu semiconductor MB89821 Datasheet HTML 4Page - fujitsu semiconductor MB89821 Datasheet HTML 5Page - fujitsu semiconductor MB89821 Datasheet HTML 6Page - fujitsu semiconductor MB89821 Datasheet HTML 7Page - fujitsu semiconductor MB89821 Datasheet HTML 8Page - fujitsu semiconductor MB89821 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
MB89820 Series
(Continued)
• Three types of timers
8-bit PWM timer (also usable as a reload timer)
8-bit pulse width count timer (also usable as a reload timer)
20-bit time-base timer
• Two serial interfaces
8-bit synchronous serial interface (Switchable transfer direction allows communication with various equipment.)
UART (5-, 7-, 8-bit transfer capable)
• External interrupt: 2 channels
Capable of wake-up from low-power consumption modes (with an edge detection function)
• Low-power consumption modes
Stop mode (Oscillation stops to minimize the current consumption.)
Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
s PRODUCT LINEUP
(Continued)
MB89823
MB89P825
MB89PV820
Classification
Mass production product
(mask ROM products)
One-time PROM
product
Piggyback/evaluation
product for evaluation and
development
ROM size
4 K
× 8 bits
(internal mask ROM)
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal PROM,
programming with
general-purpose
EPROM programmer)
32 K
× 8 bits
(external ROM)
RAM size
128
× 8 bits
256
× 8 bits
1024
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.8
µs/5 MHz (VCC = 5.0 V)
Interrupt processing time:
7.2
µs/5 MHz (VCC = 5.0 V)
Ports
I/O ports (N-ch open-drain):
16 (All also serve as segment pins.)*1
I/O ports (N-ch open-drain):
6
I/O ports (CMOS):
6 (5 ports also serve as peripheral I/O.)
Input ports:
4 (1 port also serves as an external
interrupt input.)
Total:
32 (max.)
8-bit PWM timer
8-bit reload timer operation (toggled output capable)
8-bit resolution PWM operation
Operating clock (pulse width count timer output: 0.8
µs, 12.8 µs, 51.2 µs/5 MHz)
8-bit pulse width
count timer
8-bit reload timer operation
8-bit pulse width count operation (continuous measurement capable “H” width, “L” width, or
single-cycle measurement capable)
Operating clock (0.8
µs, 3.2 µs, 25.6 µs/5 MHz)
8-bit serial I/O
8 bits
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clock, three internal shift clocks: 1.6
µs, 6.4 µs, 25.6 µs/5 MHz)
LSB first/MSB first selectability
MB89821
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com