Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89821 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB89821
Description  8-bit Proprietary Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89821 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB89821 Datasheet HTML 9Page - fujitsu semiconductor MB89821 Datasheet HTML 10Page - fujitsu semiconductor MB89821 Datasheet HTML 11Page - fujitsu semiconductor MB89821 Datasheet HTML 12Page - fujitsu semiconductor MB89821 Datasheet HTML 13Page - fujitsu semiconductor MB89821 Datasheet HTML 14Page - fujitsu semiconductor MB89821 Datasheet HTML 15Page - fujitsu semiconductor MB89821 Datasheet HTML 16Page - fujitsu semiconductor MB89821 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
MB89820 Series
s PROGRAMMING TO THE EPROM ON THE MB89P825
The MB89P825 is an OTPROM (one-time PROM) version for the MB89820 series.
1. Features
• 16-Kbyte PROM on chip
• Options can be set using the EPROM programmer.
• Equivalency to the MBM27C256A in EPROM mode (when programmed with the EPROM programmer)
2. Memory Space
Memory space in EPROM mode is diagrammed below.
3. Programming to the EPROM
In EPROM mode, the MB89P825 functions equivalent to the MBM27C256A. This allows the PROM to be
programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by
using the dedicated socket adapter.
•
Programming procedure
(1) Set the EPROM programmer to the MBM27C256A.
(2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to FFFFH
while operating as a single chip assign to 4000H to 7FFFH in EPROM mode).
Load option data into addresses 3FF0H to 3FF5H of the EPROM programmer. (For information about each
corresponding option, see “7. OTPROM Option Bit Map.”
(3) Program with the EPROM programmer.
Address
0000H
0080H
0180H
C000H
FFFFH
I/O
PROM
16 KB
RAM
BFF6H
BFF0H
8000H
Not available
Not available
Not available
Option area
EPROM mode
(Corresponding addresses on EPROM programmer)
4000H
7FFFH
EPROM
16 KB
3FF6H
3FF0H
0000H
Vacancy
(Read value FFH)
Vacancy
(Read value FFH)
Option area
Single chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com