Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911B Datasheet(PDF) 49 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 49 Page - ams AG

Back Button AS3911B Datasheet HTML 45Page - ams AG AS3911B Datasheet HTML 46Page - ams AG AS3911B Datasheet HTML 47Page - ams AG AS3911B Datasheet HTML 48Page - ams AG AS3911B Datasheet HTML 49Page - ams AG AS3911B Datasheet HTML 50Page - ams AG AS3911B Datasheet HTML 51Page - ams AG AS3911B Datasheet HTML 52Page - ams AG AS3911B Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 49
Appl icatio n I n f o rm a t i o n
Direct Commands
Figure 35:
List of Direct Commands
Command
Code
(hex)
Command
Comments
Command
Chaining
Interrupt
after
Termination
Operation
Mode (1)
C1
Set Default
Puts the AS3911B in
default state
(same as after power-up)
No
No
all
C2, C3
Clear
Stops all activities and
clears FIFO
Yes
No
en
C4
Transmit With CRC
Starts a transmit sequence
using automatic CRC
generation
Yes
No
en, tx_en
C5
Transmit Without
CRC
Starts a transmit sequence
without automatic CRC
generation
Yes
No
en, tx_en
C6
Transmit REQA
Transmits REQA command
(ISO14443A mode only)
Yes
No
en, tx_en
C7
Transmit WUPA
Transmits WUPA command
(ISO14443A mode only)
Yes
No
en, tx_en
C8
NFC Initial Field
ON
Performs Initial RF Collision
avoidance and switch on
the field
Yes
Yes
en (2)
C9
NFC Response
Field ON
Performs Response RF
Collision avoidance and
switch on the field
Yes
Yes
en (2)
CA
NFC Response
Field ON with n=0
Performs Response RF
Collision avoidance with
n=0 and switch on the field
Yes
Yes
en (2)
CB
Go to Normal NFC
Mode
Accepted in NFCIP-1 active
communication bit rate
detection mode
Yes
No
CC
Analog Preset
Presets Rx and Tx
configuration based on
state of Mode Definition
Register and Bit Rate
Definition Register
Yes
No
all
D0
Mask Receive
Data
Receive after this
command is ignored
Yes
No
en, rx_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com