Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD65N55LF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD65N55LF3
Description  N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55LF3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD65N55LF3 Datasheet HTML 3Page - STMicroelectronics STD65N55LF3 Datasheet HTML 4Page - STMicroelectronics STD65N55LF3 Datasheet HTML 5Page - STMicroelectronics STD65N55LF3 Datasheet HTML 6Page - STMicroelectronics STD65N55LF3 Datasheet HTML 7Page - STMicroelectronics STD65N55LF3 Datasheet HTML 8Page - STMicroelectronics STD65N55LF3 Datasheet HTML 9Page - STMicroelectronics STD65N55LF3 Datasheet HTML 10Page - STMicroelectronics STD65N55LF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STD65N55LF3
Electrical characteristics
Doc ID 16371 Rev 2
7/13
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=27.5V
ID=65A
25
30
35
AM08212v1
C
100
10
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
1000
AM08213v1
VGS(th)
0.6
0.4
0.2
0
-75
TJ(°C)
(norm)
-25
0.8
125
25
75
175
1.0
1.2
AM08214v1
RDS(on)
1.2
1.0
0.8
0.6
-75
TJ(°C)
(norm)
-25
75
25
125
175
1.4
1.6
1.8
2.0
VGS
=10V
ID
=32A
AM08215v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.45
0.55
0.65
0.75
0.85
0.95
TJ=-55°C
TJ=175°C
TJ=25°C
60
AM08216v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com