Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD65N55LF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD65N55LF3
Description  N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55LF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STD65N55LF3 Datasheet HTML 1Page - STMicroelectronics STD65N55LF3 Datasheet HTML 2Page - STMicroelectronics STD65N55LF3 Datasheet HTML 3Page - STMicroelectronics STD65N55LF3 Datasheet HTML 4Page - STMicroelectronics STD65N55LF3 Datasheet HTML 5Page - STMicroelectronics STD65N55LF3 Datasheet HTML 6Page - STMicroelectronics STD65N55LF3 Datasheet HTML 7Page - STMicroelectronics STD65N55LF3 Datasheet HTML 8Page - STMicroelectronics STD65N55LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STD65N55LF3
4/13
Doc ID 16371 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
55
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc = 125 °C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±
200
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID= 32 A
7.0
8.5
m
Ω
VGS = 5 V, ID= 32 A
8.5
12
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer capacitance
VDS = 25 V, f=1 MHz,
VGS =0
-
2200
470
35
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 27.5 V, ID = 65 A
VGS = 5 V
(see Figure 16)
-
20
8
8
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com