Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD65N55LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD65N55LF3
Description  N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STD65N55LF3 Datasheet HTML 1Page - STMicroelectronics STD65N55LF3 Datasheet HTML 2Page - STMicroelectronics STD65N55LF3 Datasheet HTML 3Page - STMicroelectronics STD65N55LF3 Datasheet HTML 4Page - STMicroelectronics STD65N55LF3 Datasheet HTML 5Page - STMicroelectronics STD65N55LF3 Datasheet HTML 6Page - STMicroelectronics STD65N55LF3 Datasheet HTML 7Page - STMicroelectronics STD65N55LF3 Datasheet HTML 8Page - STMicroelectronics STD65N55LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2010
Doc ID 16371 Rev 2
1/13
13
STD65N55LF3
N-channel 55 V, 7.0 m
Ω, 80 A DPAK
STripFET™ III Power MOSFET
Features
■ Low threshold drive
■ 100% avalanche tested
Application
■ Switching applications
■ Automotive
Description
This product is a N-channel enhancement mode
Power MOSFET built with STripFET™ III
technology which is especially tailored to
minimized on-state resistance and gate charge,
providing superior switching performance.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max.
ID
Pw
STD65N55LF3
55 V
< 8.5 m
Ω 80 A
110 W
DPAK
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD65N55LF3
65N55LF3
DPAK
Tape and reel
www.st.com


Similar Part No. - STD65N55LF3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD65N55LF3 VBSEMI-STD65N55LF3 Datasheet
998Kb / 8P
N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STD65N55LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET??V Power MOSFET
20-Feb-2008
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
N-channel 25 V, 0.0038 Ω, 80 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
17-Apr-2009
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
22-Mar-2011
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STB95N4F3 STMICROELECTRONICS-STB95N4F3 Datasheet
839Kb / 20P
N-channel 40 V, 5.0, 80 A STripFET III
13-Dec-2011
STD70N6F3 STMICROELECTRONICS-STD70N6F3 Datasheet
629Kb / 1P
N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET
11-Dec-2009
STH200N55F3-2 STMICROELECTRONICS-STH200N55F3-2 Datasheet
483Kb / 11P
N-channel 55 V, 1.8 mΩ, 160 A, H2PAK STripFET™ III Power MOSFET
30-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com