Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136-020E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N136-020E
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N136-020E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N136-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Insulation and Safety Related Specifications
Parameter
Symbol
8-Pin DIP
(300 Mil)
Value
SO-8
Value
Widebody
(400 Mil)
Value
Units
Conditions
Minimum External
Air Gap (External
Clearance)
L(101)
7.1
4.9
9.6
mm
Measured from input terminals to
output terminals, shortest distance
through air.
Minimum External
Tracking (External
Creepage)
L(102)
7.4
4.8
10.0
mm
Measured from input terminals to out-
put terminals, shortest distance path
along body.
Minimum Internal
Plastic Gap
(Internal Clearance)
0.08
0.08
1.0
mm
Through insulation distance, conductor
to conductor, usually the direct distance
between the photoemitter and photo-
detector inside the optocoupler cavity.
Minimum Internal
Tracking (Internal
Creepage)
NA
NA
4.0
mm
Measured from input terminals to out-
put terminals, along internal cavity.
Tracking Resistance
(Comparative
Tracking Index)
CTI
200
200
200
Volts
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com