Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136-020E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N136-020E
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N136-020E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  6N136-020E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
These diode-transistor optocouplers use an insulating
layer between a LED and an integrated photodetector to
provide electrical insulation between input and output.
Separate connections for the photodiode bias and out-
put-transistor collector increase the speed up to a hun-
dred times that of a conventional phototransistor coupler
by reducing the base-collector capacitance.
These single channel optocouplers are available in
8-Pin DIP, SO-8 and Widebody package configurations.
The 6N135, HCPL-0500, and HCNW135 are for use in TTL/
CMOS, TTL/LSTTL or wide bandwidth analog applications.
Current transfer ratio (CTR) for these devices is 7% mini-
mum at I
F = 16 mA.
The 6N136, HCPL-2502, HCPL-0501, and HCNW136 are
designed for high speed TTL/TTL applications. A standard
16 mA TTL sink current through the input LED will pro-
vide enough output current for 1 TTL load and a 5.6 k
Ω
pull-up resistor. CTR for these devices is 19% minimum at
I
F = 16 mA.
Functional Diagram
6N135/6, HCNW135/6
HCPL-2502/0500/0501
Single Channel, High Speed Optocouplers
Data Sheet
Features
• High speed: 1 Mb/s
• TTL compatible
• Available in 8-Pin DIP, SO-8, widebody packages
• Open collector output
• Safety approval
UL Recognized – 3750 V
rms for 1 minute (5000 Vrms
for 1 minute for HCNW and Option 020 devices)
per UL1577
CSA Approved
IEC/EN/DIN EN 60747-5-5 Approved
– V
IORM = 567 V peak for SO-8 devices
– V
IORM = 630 V peak for DIP 300 mil devices
– V
IORM = 1414 V peak for DIP 400 mil (widebody)
devices
• Dual channel version available (253X/053X/0534)
Applications
• High voltage insulation
• Video signal isolation
• Line receivers
• Feedback element in switched mode power supplies
• High speed logic ground isolation
– TTL/TTL, TTL/CMOS, TTL/LSTTL
• Replaces pulse transformers
• Replaces slow phototransistor isolators
• Analog signal ground isolation
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
V B
V O
GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
LOW
HIGH
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.


Similar Part No. - 6N136-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N136-020 HP-6N136-020 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
More results

Similar Description - 6N136-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
Single Channel, High Speed Optocouplers TTL compatible
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com