Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136-020E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N136-020E
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N136-020E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N136-020E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW135/6)
Solder Reflow Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The devices contained in this data sheet have been approved by the following organizations:
UL
Recognized under UL 1577, Component Recognition Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5, File CA 88324.
IEC/EN/DIN EN 60747-5-5
(HCNW and Option 060/360/560 only)
1.00 ± 0.15
(0.039 ± 0.006)
7
° NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.23
± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
13.56
(0.534)
2.29
(0.09)
LAND PATTERN RECOMMENDATION
1.80 ± 0.15
(0.071 ± 0.006)
4.00
(0.158)
MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com