Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136-020E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N136-020E
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N136-020E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  6N136-020E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Ordering Information
6N135, 6N136, HCPL-2502, HCPL-0500, HCPL-0501 are UL Recognized with 3750 V
rms for 1 minute per UL1577.
HCNW135, HCNW136 are UL Recognized with 5000 V
rms for 1 minute per UL1577. All these devices are approved under
CSA Component Acceptance Notice #5, File CA 88324.
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000
V
rms/ 1 Minute
rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non RoHS
Compliant
6N135
6N136
HCPL-2502
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0500
HCPL-0501
-000E
No option
SO-8
100 per tube
-500E
#500
X
X
X
1500 per reel
-060E
#060
X
100 per tube
-560E
#560
X
X
X
X
1500 per reel
HCNW135
HCNW136
-000E
No option
400 mil
Widebody
DIP-8
X
X
42 per tube
-300E
#300
X
X
X
X
42 per tube
-500E
#500
X
X
X
X
X
750 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-2502-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Example 2:
HCPL-2502 to order product of 300 mil DIP package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since 15th July 2001 and RoHS
compliant option will use ‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com