Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics STGW60H65DF Datasheet HTML 10Page - STMicroelectronics STGW60H65DF Datasheet HTML 11Page - STMicroelectronics STGW60H65DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STGW60H65DF
8/13
Doc ID 023011 Rev 4
Figure 20.
Reverse recovery charge as a
function of diode current slope
Figure 21.
Maximum normalized Zth junction
to case (IGBT)
Figure 22.
Maximum normalized Zth junction
to case (Diode)
AM12735v1
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
250
750
1250
1750
Qrr (µC)
di/dt (A/μs)
VCC = 400 V, VGE = 15 V, IC = 60 A
TJ = 25 °C
TJ = 125 °C ---
AM11861v1
1E-02
1E-01
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
K
tP (s)
Single
Pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com