Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGW60H65DF Datasheet HTML 1Page - STMicroelectronics STGW60H65DF Datasheet HTML 2Page - STMicroelectronics STGW60H65DF Datasheet HTML 3Page - STMicroelectronics STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2013
Doc ID 023011 Rev 4
1/13
13
STGW60H65DF
60 A, 650 V field stop trench gate IGBT with very fast diode
Datasheet
− production data
Features
■ High speed switching
■ Tight parameters distribution
■ Safe paralleling
■ Low thermal resistance
■ 6 µs short-circuit withstand time
■ Very fast soft recovery antiparallel diode
■ Lead free package
Applications
■ Photovoltaic inverters
■ Uninterruptible power supply
■ Welding
■ Power factor correction
■ High switching frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT is the result of a compromise
between conduction and switching losses,
maximizing the efficiency of high switching
frequency converters. Furthermore, a slightly
positive VCE(sat) temperature coefficient and very
tight parameter distribution result in easier
paralleling operation.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGW60H65DF
GW60H65DF
TO-247
Tube
www.st.com


Similar Part No. - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
Low thermal resistance
17-Apr-2015
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results

Similar Description - STGW60H65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
60 A, 650 V field stop trench gate IGBT
31-Jul-2012
STGW60H65DRF STMICROELECTRONICS-STGW60H65DRF Datasheet
2Mb / 13P
60 A, 650 V field stop trench gate IGBT with Ultrafast diode
02-Apr-2013
logo
ON Semiconductor
AFGY100T65SPD ONSEMI-AFGY100T65SPD Datasheet
252Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
July, 2020 ??Rev. 0
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
FGH60T65SHD ONSEMI-FGH60T65SHD Datasheet
677Kb / 9P
IGBT - Field Stop, Trench 650 V, 60 A
December, 2020 ??Rev. 3
FGH60T65SQD-F155 ONSEMI-FGH60T65SQD-F155 Datasheet
560Kb / 10P
IGBT - Field Stop, Trench 650 V, 60 A
November, 2019 ??Rev. 3
logo
STMicroelectronics
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
60 A, 650 V field stop trench gate IGBT
09-Jan-2013
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com