Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0404FP4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JS0404FP4
Description  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JS0404FP4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JS0404FP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
H
Series JS02 & JS04
Ultra-Miniature SMT DIP Slides
www.nkk.com
H26
TYPICAL SWITCH ORDERING EXAMPLE
02
JS
SPST OFF-ON Circuit
Gold Contacts with 25mA Rating
Extended Slide Actuator, 8 Positions
.100” (2.54mm) Terminal Spacing
Mounting
02
SMT .100” (2.54mm)
for Extended Actuator
04
SMT .050” (1.27mm)
for Flush Actuator
Contact Material
& Rating
P4
Gold Rated
25mA @ 24V DC
A
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JS0208AP4-S
P4
No. Of Positions
04
4 Positions
08
8 Positions
S
Packaging
S
Stick-Tube
R
Tape-Reel
Not available in bulk
08
Actuator
A
Extended for 02
Mounting Code
F
Flush for 04
Mounting Code
Stick-Tube Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com