Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0404FP4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JS0404FP4
Description  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JS0404FP4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JS0404FP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
H
Series JS02 & JS04
Ultra-Miniature SMT DIP Slides
www.nkk.com
H28
PACKAGING
Tape-Reel Packaging for Extended Actuator
Switches are packaged in OFF position.
Switches are not available in bulk and must
be ordered in the following increments:
JS0204AP4-R: 500 pieces per tape-reel
JS0208AP4-R: 500 pieces per tape-reel
Minimum Leader Length: 15.75” (400mm)
Minimum Trailer Length: 6.3” (160mm)
Tape-reel packaging meets EIA-481-D Standard.
S
Stick-Tube Packaging
Switches are packaged in OFF position.
Switches are not available in bulk and must
be ordered in the following increments:
Extended Actuator
JS0204AP4-S: 46 pieces per stick-tube
JS0208AP4-S: 24 pieces per stick-tube
R
1.512
(38.4) Max
(80.0)
3.150
Dia
(32.4)
1.276
R
Typ
(2.0)
.079
(10.5)
.413
Typ
(6.5)
.256
(330.0)
13.0
Overall Dia
(12.0)
.472
(7.0)
.276
(530.0)
20.866
JS0204AP4-R JS0208AP4-R
Direction of Feed
(2.0) Dia Typ
.079
(1.5) Dia Typ
.059
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(14.25) Typ
.561
(32.0)
1.260
(6.0)
.236
(6.0)
.236
(10.3)
.406
(1.5) Typ
.059
(1.7) Typ
.067
(21.7)
.854
(0.35)
.014
3°
(5.0)
.197
Tape Dimensions for JS0208AP4-R
Direction of Feed
(1.5) Dia Typ
.059
(1.5) Dia Typ
.059
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(10.3)
.406
(6.5)
.256
(2.5)
.098
(5.0)
.197
(0.35)
.014
(11.5)
.453
3°
Tape Dimensions for JS0204AP4-R
Flush Actuator
JS0404FP4-S: 80 pieces per stick-tube
JS0408FP4-S: 45 pieces per stick-tube
Reel Dimensions
(530.0)
20.866
(11.5)
.453
(4.8)
.189
(30.4) Max
1.197
(24.4)
.961
(80.0)
3.150
Dia



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com