Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0404FP4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JS0404FP4
Description  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JS0404FP4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JS0404FP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
H
Series JS02 & JS04
Ultra-Miniature SMT DIP Slides
www.nkk.com
H27
TYPICAL SWITCH DIMENSIONS
(5.8)
.228
(0.15)
.006
(0.6)
.024
(8.1)
.319
(0.35)
.014
.228
(5.8)
(0.35)
.014
(0.15)
.006
(0.6)
.024
(8.1)
.319
SinglePole
4Positions•ExtendedActuator
JS0204AP4
SinglePole
8Positions•ExtendedActuator
JS0208AP4
SinglePole
4Positions•FlushActuator
JS0404FP4
SinglePole
8Positions•FlushActuator
JS0408FP4
1
5
2
6
3
7
4
8
1
9
2
10
3
11
4
12
5
13
6
14
7
15
8
1
6
1
5
2
6
3
7
4
8
1
9
2
10
3
11
4
12
5
13
6
14
7
15
8
1
6
End View
End View
Schematic
Schematic
Schematic
Schematic
(9.8)
.386
(1.0)
.039
(0.6)
.024
(0.3)
.012
(7.62)
.300
(0.25)
.010
(0.8)
.031
(0.8) Travel
.031
(1.1) Typ
.043
(3.7)
.146
(2.54) Typ
.100
(0.5) Typ
.020
(7.62)
.300
(0.7)
.028
ON
(1.8)
.071
(6.2)
.244
(11.1)
.437
1
3
24
(9.8)
.386
(1.0)
.039
(0.6)
.024
(0.3)
.012
(7.62)
.300
(0.25)
.010
(0.8)
.031
(0.8) Travel
.031
(1.1) Typ
.043
(3.7)
.146
(0.7)
.028
(2.54) Typ
.100
(0.5) Typ
.020
(17.78)
.700
(1.8)
.071
(6.2)
.244
(21.26)
.837
ON
1
3
24
5
7
68
(1.1) Typ
.043
(2.54) Typ
.100
(8.9)
.350
(1.5) Typ
.059
(7.62)
.300
12
34
56
78
(1.1) Typ
.043
(2.54) Typ
.100
(8.9)
.350
(1.5) Typ
.059
(17.78)
.700
56
78
13
14
15
16
12
34
9101112
(3.81)
.150
(0.76) Typ
.030
(1.27) Typ
.050
(1.25) Typ
.049
(7.65)
.301
12 34
56 78
(8.89)
.350
(0.76) Typ
.030
(1.27) Typ
.050
(1.25) Typ
.049
(7.65)
.301
12 35
9101112
46 78
13 14 15 16
End View
End View
(1.27) Typ
.050
(0.5) Typ
.020
(8.89)
.350
(0.1)
.004
(2.2)
.087
1
ON
23456 78
(11.3)
.445
(1.26)
.050
(0.65)
.026
(0.65) Travel
.026
(0.7) Typ
.028
ON
12 34
(6.22)
.245
(1.26)
.050
(0.65)
.026
(0.65) Travel
.026
(0.7) Typ
.028
(1.27) Typ
.050
(0.5) Typ
.020
(3.81)
.150
(0.1)
.004
(2.2)
.087



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com