Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0404FP4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JS0404FP4
Description  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JS0404FP4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JS0404FP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
H
Series JS02 & JS04
Ultra-Miniature SMT DIP Slides
www.nkk.com
H24
Electrical Capacity (Resistive Load)
Switching Rating:
25mA @ 24V DC
Nonswitching Rating:
0.1A @ 50V DC
Other Ratings
JS02 Extended Actuator
JS04 Flush Actuator
Contact Resistance:
50 milliohms maximum
50 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
100 megohms minimum @ 100V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
300V AC minimum for 1 minute minimum
Mechanical Life:
2,000 operations minimum
2,000 operations minimum
Electrical Life:
2,000 operations minimum
2,000 operations minimum
Total Travel:
.031” (0.8mm)
.026” (0.65mm)
Materials & Finishes
JS02 Extended Actuator
JS04 Flush Actuator
Actuator:
Glass fiber reinforced polyamide
Glass fiber reinforced polyamide
Cover:
Glass fiber reinforced polyamide (UL94V-0)
Glass fiber reinforced polyamide (UL94V-0)
Base:
Glass fiber reinforced polyamide (UL94V-0)
Glass fiber reinforced polyamide (UL94V-0)
Contacts:
Beryllium copper with gold plating
Copper alloy with gold plating
Terminals:
Brass with gold plating
Brass with gold plating
Environmental Data
Operating Temp Range:
JS02 Extended Actuator: –20°C through +70°C (–4°F through +158°F)
JS04 Flush Actuator:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Reflow Soldering Recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Note: Switches are packaged in OFF position and should be soldered in OFF position.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL 94V-0 rated cover & base
The JS Series slides have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current circuit.
When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous
energy.
General Specifications


Similar Part No. - JS0404FP4

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JS0404FP4-R NKK-JS0404FP4-R Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
JS0404FP4-S NKK-JS0404FP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
More results

Similar Description - JS0404FP4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com