Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors PCF8562 Datasheet HTML 10Page - NXP Semiconductors PCF8562 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
7 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
The host microcontroller maintains the 2-line I2C-bus communication channel with the
PCF8562. The internal oscillator is enabled by connecting pin OSC to pin VSS. The
appropriate biasing voltages for the multiplexed LCD waveforms are generated internally.
The only other connections required to complete the system are to the power supplies
(VDD, VSS, and VLCD) and the LCD panel chosen for the application.
7.1 Power-On Reset (POR)
At power-on the PCF8562 resets to the following starting conditions:
• All backplane and segment outputs are set to VLCD
• The selected drive mode is: 1:4 multiplex with 1⁄3 bias
• Blinking is switched off
• Input and output bank selectors are reset
• The I2C-bus interface is initialized
• The data pointer and the subaddress counter are cleared (set to logic 0)
• Display is disabled
Remark: Do not transfer data on the I2C-bus for at least 1 ms after a power-on to allow
the reset action to complete.
7.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider consisting of
three impedances connected in series between VLCD and VSS. The center impedance is
bypassed by switch if the 1⁄2 bias voltage level for the 1:2 multiplex drive mode
configuration is selected. The LCD voltage can be temperature compensated externally,
using the supply to pin VLCD.
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 5.
The resistance of the power lines must be kept to a minimum.
Fig 4.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
tr
2Cb
SDA
SCL
OSC
32 segment drives
4 backplanes
LCD PANEL
(up to 128
elements)
PCF8562
A0
16
15
11
10
14
21
17
18
19
20
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
001aac264
R
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com