Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 16Page - NXP Semiconductors PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors PCF8562 Datasheet HTML 21Page - NXP Semiconductors PCF8562 Datasheet HTML 22Page - NXP Semiconductors PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
20 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.10.3 RAM writing in 1:3 multiplex drive mode
In 1:3 multiplex drive mode, the RAM is written as shown in Table 6 (see Figure 12 as
well).
If the bit at position BP2/S2 would be written by a second byte transmitted, then the
mapping of the segment bits would change as illustrated in Table 7.
In the case described in Table 7 the RAM has to be written entirely and BP2/S2, BP2/S5,
BP2/S8 etc. have to be connected to elements on the display. This can be achieved by a
combination of writing and rewriting the RAM like follows:
• In the first write to the RAM, bits a7 to a0 are written.
• In the second write, bits b7 to b0 are written, overwriting bits a1 and a0 with bits b7
and b6.
• In the third write, bits c7 to c0 are written, overwriting bits b1 and b0 with bits c7 and
c6.
Depending on the method of writing to the RAM (standard or entire filling by rewriting),
some elements remain unused or can be used, but it has to be considered in the module
layout process as well as in the driver software design.
7.10.4 Output bank selector
The output bank selector (see Table 14) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
particular LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the content of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
Table 6.
Standard RAM filling in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are not connected to any elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1
b7
b4
b1
c7
c4
c1
d7
:
1
a6
a3
a0
b6
b3
b0
c6
c3
c0
d6
:
2
a5
a2
-
b5
b2
-
c5
c2
-
d5
:
3
---
---
---
-:
Table 7.
Entire RAM filling by rewriting in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are connected to elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1/b7 b4
b1/c7 c4
c1/d7 d4
d1/e7 e4
:
1
a6
a3
a0/b6 b3
b0/c6 c3
c0/d6 d3
d0/e6 e3
:
2
a5
a2
b5
b2
c5
c2
d5
d2
e5
e2
:
3
---
---
---
-:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com