Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors PCF8562 Datasheet HTML 28Page - NXP Semiconductors PCF8562 Datasheet HTML 29Page - NXP Semiconductors PCF8562 Datasheet HTML 30Page - NXP Semiconductors PCF8562 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
27 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
8.5 I2C-bus controller
The PCF8562 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCF8562 are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, on the transferred command data and on the hardware
subaddress.
8.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8562.
The least significant bit of the slave address that a PCF8562 will respond to is defined by
the level tied to its SA0 input. The PCF8562 is a write-only device and will not respond to
a read access.
The I2C-bus protocol is shown in Figure 17. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible PCF8562
slave addresses available. All PCF8562s whose SA0 inputs correspond to bit 0 of the
slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is
ignored by all PCF8562s whose SA0 inputs are set to the alternative level.
After an acknowledgement, one or more command bytes follow, that define the status of
each addressed PCF8562.
The last command byte sent is identified by resetting its most significant bit, continuation
bit C, (see Figure 18). The command bytes are also acknowledged by all addressed
PCF8562s on the bus.
Fig 17. I2C-bus protocol
Fig 18. Format of command byte
S
A
0
S
011100
0 A C
COMMAND
A
P
A
DISPLAY DATA
slave address
R/W
acknowledge
acknowledge
1 byte
update data pointers
n
≥ 1 byte(s)
n
≥ 0 byte(s)
001aac266
msa833
REST OF OPCODE
C
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com