Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 12Page - NXP Semiconductors PCF8562 Datasheet HTML 13Page - NXP Semiconductors PCF8562 Datasheet HTML 14Page - NXP Semiconductors PCF8562 Datasheet HTML 15Page - NXP Semiconductors PCF8562 Datasheet HTML 16Page - NXP Semiconductors PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
16 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.5 Oscillator
7.5.1 Internal clock
The internal logic of the PCF8562 and its LCD drive signals are timed either by its internal
oscillator or by an external clock. The internal oscillator is enabled by connecting pin OSC
to pin VSS.
7.5.2 External clock
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD.
The LCD frame signal frequency is determined by the clock frequency (fclk).
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.6 Timing
The PCF8562 timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. The timing
also generates the LCD frame signal whose frequency is derived from the clock
frequency. The frame signal frequency is a fixed division of the clock frequency from either
the internal or an external clock:
.
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
7.8 Segment outputs
The LCD drive section includes 32 segment outputs S0 to S31 which should be
connected directly to the LCD. The segment output signals are generated in accordance
with the multiplexed backplane signals and with data residing in the display latch. When
less than 32 segment outputs are required, the unused segment outputs should be left
open-circuit.
7.9 Backplane outputs
The LCD drive section includes four backplane outputs BP0 to BP3 which must be
connected directly to the LCD. The backplane output signals are generated in accordance
with the selected LCD drive mode. If less than four backplane outputs are required, the
unused outputs can be left open-circuit.
• In the 1:3 multiplex drive mode, BP3 carries the same signal as BP1, therefore these
two adjacent outputs can be tied together to give enhanced drive capabilities.
• In the 1:2 multiplex drive mode, BP0 and BP2, respectively, BP1 and BP3 carry the
same signals and may also be paired to increase the drive capabilities.
• In the static drive mode the same signal is carried by all four backplane outputs and
they can be connected in parallel for very high drive requirements.
f
fr
f
clk
24
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com