Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
ister) (08H). Only the destination of the low-
order byte in the table is well-defined, the
other bits of the table word are all transferred
to the low portion of TBLH. TBLH is read only
while the table pointer (TBLP) is a read-
able/writable register (07H) used to indicate
the table location. Before accessing the table,
the location should be placed in TBLP. All of
the table related instructions require 2 cycles
to complete the operation. This feature is effi-
cient only for the movement of the blocks,
which may function as look-up tables or as a
normal program memory depending upon the
requirements.
Stack register – STACK
The stack register is a special memory port used
to save the contents of the PC. It is divided into
8 levels. The stack register is neither part of the
data nor part of the program, and is neither
readable nor writable. The activated level of the
stack register is indexed by the stack pointer
(SP), and is neither readable nor writable. At
the commencement of a subroutine call or an
interrupt acknowledge, the contents of the PC is
pushed onto the stack. At the end of the subrou-
tine or the interrupt routine, as signaled by a
return instruction (RET or RETI), the content s
of the PC is restored to its previous value from
the stack. After a chip reset, the SP will point to
the top of the stack.
If the stack is full and a non-masked interrupt
occurs, the interrupt request flag is recorded
but acknowledging is inhibited until the value
of the SP is decremented (by RET or RETI),
allowing that interrupt to be serviced. As this
feature can prevent a stack overflow, the use of
the structure becomes much easier. In a similar
case, if the stack is full, and a “CALL” is sub-
sequently executed, a stack overflow occurs and
the first entry is lost (only the most recent eight
return addresses are stored).
Data memory – RAM
The data memory (RAM) is designed in three
banks, i.e., bank 0, bank 1, and bank 27, and
comprised of four functional groups, namely
special function registers (of 22
×8 bits; 1×4 bit;
1
×2 bit in bank0), data memory (of 416×8 bits;
224
×8 in bank 0; 192×8 in bank 1), LCD display
mapping memory (of 35
×4 bits), and decoder
configuration RAM mapping memory (of 21
×8
bits). Most of the these groups are readable/wri-
table but some are read only.
Of the four functional groups, the special func-
tion registers of bank 0 consist of an indirect
addressing registers (IAR0;00H, IAR1;02H),
m em ory
po inter
re gisters
(MP0;01H,
MP1;03H), a memory bank pointer register
(BP;04H), an accumulator (ACC;05H), a pro-
gram counter low byte register (PCL;06H), a
table pointer (TBLP;07H), a table high-order
part register (TBLH;08H), a watchdog timer
option setting register (WDTS;09H), a status
register (STATUS;0AH), an interrupt control
register (INTC;0BH), a programmable timer
counter (TMR0;0DH), a programmable timer
counter control register (TMRC0;0EH), a
timer/event counter (TMR1;10H), a timer/event
counter control register (TMRC1;11H), an input
port, two I/O ports (PA;12H, PB;14H, PC;16H),
two I/O control register (PBC;15H, PCC;17H), a
tone control register (1DH), a pager control reg-
ister (1EH), and a pager data register (1FH).
The special function registers are located from
00H to 1FH whereas the 32 global data regis-
Instruction(s)
Table Location
*12
*11
*10
*9*8*7*6*5*4*3*2*1*0
TABRDC [m]
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
11111
@7
@6
@5
@4
@3
@2
@1
@0
Notes:
*12~*0: Table location bits
@7~@0: Table pointer bits
P12~P8: Current program counter bits
HT9480
9
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com