Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
RET A,x
Return and place immediate data in accumulator
Description
The program counter is restored from the stack and the accumulator loaded
with the specified 8-bit immediate data.
Operation
PC
← Stack
ACC
← x
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
RETI
Return from interrupt
Description
The program counter is restored from the stack, and interrupts enabled by
setting the EMI bit. EMI is the enable master (global) interrupt bit (bit 0;
register INTC).
Operation
PC
← Stack
EMI
← 1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
RL [m]
Rotate data memory left
Description
The contents of the specified data memory is rotated left one bit with bit 7
rotated into bit 0.
Operation
[m].(i+1)
← [m].i; [m].i:bit i of the data memory (i=0-6)
[m].0
← [m].7
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
RLA [m]
Rotate data memory left-place result in accumulator
Description
Data in the specified data memory is rotated left one bit with bit 7 rotated
into bit 0, leaving the rotated result in the accumulator. The contents of the
data memory remain unchanged.
Operation
ACC.(i+1)
← [m].i; [m].i:bit i of the data memory (i=0-6)
ACC.0
← [m].7
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
––
––
––
HT9480
49
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com