Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9580 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
HT9580
11
April 28, 2000
Preliminary
(0005H). If the RTC counter is enabled, the
RTC counter will start to count. The RTC coun-
ter source clock is the X1-clock, so the X1 clock
setting via by SPF12, SPF13 and SPF14 should
be correct.
In order to guarantee that the system clock has
started and stabilized, the SST (System
Start-up Timer) provides an extra delay of 1024
system clock pulse when the system is powered
up.
10
RTC Select 2Hz as the
RTC
Select 1Hz as the
RTC
The low power oscillator of the pager decoder
input clock should be crystal type. The decoder
subsystem low power oscillator, on the other
hand, is of a crystal type which is designed with
a power on start-up function to reduce the sta-
bilization time of the oscillator. This start-up
function is enabled by bit ²LPM² which is ini-
tially set high at power on reset, and should be
cleared to low so as to enable the low-power os-
cillator function. The oscillator configuration is
running in the low power mode.
The system clock oscillator can be enabled/dis-
abled by the register bit, ²HALT². The system
clock circuit is powered down, when the bit is
set to high. On the other hand, the system clock
circuit is powered up, when the bit is low. When
this bit is set high, the CPU is also stopped.
When this bit is cleared low, the CPU core re-
turns to its normal operation. After this is set
HIGH by the software, it may also be cleared
low when reset, interrupt (IRQ or NMI), RTC
timeout, and port wake-up conditions are met.
01
HALT System clock
enable
System clock
powered down
The WDT is a 16-bit counter and sourced by the
X1
X2
VS S
LP M
H T 9580
L o w p o w e r o s c illa t o r f u n c t i o n
( Low pow er m od e c ont r o l )
V DD
100k W
50k W
100k W
50k W
low power oscillator
sub-clock divided by 8. The counter is seg-
mented as a 9-bit prescaler and a 7-bit user pro-
grammable counter. The input clock is first
divided by 512 (9-stage) to get the nominal
time-out period. The output of the 9-bit
pre-scaler can then be divided by a 7-bit pro-
grammable counter to generate the longer
watchdog time-out depending on the user¢sre-
quirements. The 7-bit programmable counter is
controlled by 3 register bits, WS0~2. The
watchdog timer is enabled/disabled by a control
bit WDTEN. To prevent the overflow of this
watchdog timer, a clear-WDT operation should
be executed before the timer overflows. The
clear-WDT operation is to write any number to
the register, CLRWDT (0002H). When the
watchdog timer overflows (checked by bit 3 of
0006H ²WDTOVFG²), the program counter is
set to FFFC H and FFFD H to read the program
start vector. The definitions of the control bits
are listed below.
10
WDTEN Enable the
watchdog timer
Disable the
watchdog timer
WDT-TMR (Watchdog timer) register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0001H
WDT-TMR
X
X
TMR0_PR1 TMR0_PR0
WDTEN
WS2
WS1
WS0
0000 0011
0002H
CLR WDT
XXXXXXXX
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com