Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9580 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
HT9580
38
April 28, 2000
Preliminary
· Address word format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Sync. State
Call Address
Dup. Call
Valid Address
Function Code
Note: Bit0: Bit21 of the address code-word
Bit1: bit20 of the address code-word
Bit2: If this bit is ²1², the address word is valid, oterwise the address word is not valid.
Bit3: 1 for a duplicate code-word
Bit7: 1 if an address code-word is received in the data fail mode
Bit6
Bit5
Bit4
Call Address
0
0
0
RIC A
0
0
1
RIC B
0
1
0
RIC C
0
1
1
RIC D
1
0
0
RIC E
1
0
1
RIC F
11
0
¾
11
1
¾
· Interrupt indication
The HT9580 provides an internal data ready
interrupt and a battery fail interrupt. The in-
ternal data ready interrupt and battery fail
interrupt share the NMI location. Which in-
terrupt occurred can be determined by check-
ing the battery fail interrupt bit (BF_FG; bit 4
of 0006H) and the data ready interrupt bit
(DR_FG; bit 5 of 0006H). Both interrupt bits
are active high.
· Test mode
The test mode of the decoder is selected by set-
ting the TS pin low at any time. In the test
mode, the RF control outputs BS1 and BS3 are
constantly set high, but BS2 is set low. After the
TS pin is set high the decoder exits the test
mode.
· Message data transfer
The decoder outputs a deformatted address
word and message words upon receipt of a valid
call. The message data to be transferred is or-
ganized into 8-bit words and transferred to the
message buffer address (0040H to 006DH). The
data ready interrupt flag will be set high when
the received data (including address code-
word and message codeword) length is ter-
minated within 46 bytes, one batch is over
or if the 46 bytes data buffer is full if data
length is more than 46 bytes. If the data in
the message buffer is terminated, the
²MSG_END² (0031H) bit will set high.
The address word indicates call address,
functional bit setting, and decoder flags. The
message code-words are received and con-
catenated to a valid call address word. The
message words are derived from un-cor-
rected message code-words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com