Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1014 Datasheet(PDF) 36 Page - Agilent(Hewlett-Packard)

Part # HDMP-1014
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1014 Datasheet(HTML) 36 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1014 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 40Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
608
Timing
. Since the PLL of the Tx
is designed with a very high-gain
frequency/phase detector, the
relative alignment of the internal
clock and STRBIN is very tight,
and is insensitive to temperature
and other variations. The
observed external changes are
due mainly to variations in the
buffers, which are relatively small.
For convenience, the setup and
hold times are referenced back to
the user-supplied clock, STRBIN.
The actual sampling clock is
slightly advanced relative to
STRBIN due to internal delays,
and the hold time is typically
negative.
The user has to make sure that
M20SEL, FLAGSEL, DIV0, and
DIV1 have the same setting on
both Tx and Rx. The word width
of the parallel data from the host
can be either 16 bits if M20SEL =
0, or 20 bits if M20SEL = 1. Also,
the FLAG bit can be used as an
additional bit by setting
FLAGSEL=1. In the last case, the
parallel data word width is either
17 bits or 21 bits. The local
loopback test can be enabled by
setting LOOPEN high.
Single Frame Mode
(MDFSEL=0)
A block diagram showing the
single-frame mode data interface
for both the Tx and Rx, and their
associated timing diagrams are
shown in Figure xxx.
In the Tx side, the expected
frequency of the input clock
STRBIN is the bit rate of the data
frame. In this case, the setup and
hold times are referenced to the
rising edge of STRBIN. The
internal clock is buffered to form
STRBOUT which appears with a
delay of Tstrb after STRBIN.
In the Rx side, the data frame,
flag bit, CAV*, DAV*, LINKRDY,
and ERROR appear with a delay
of td1 after the falling edge of
STRBOUT. The state machine
outputs STAT0 and STAT1 appear
with a delay of td2.
Double Frame Mode
(MDFSEL=1)
A block diagram showing the
double-frame mode data interface
for both the Tx and Rx, and their
associated timing diagrams are
shown in Figure 17. This
configuration works best if the
duty cycle of STRBIN is 50%.
In the Tx side, the expected
frequency is 1/2 of the combined
frame period. This combined
frame, D0-D19, is formed by
interlacing the two frames C0-
C19 and C20-C39 with an
external 2:1 multiplexer. The Tx
locks onto STRBIN, which has the
same frequency as the bit rate of
C0-C39, and with an internal
frequency doubler, generates the
sampling clock to latch in D0-
D19, DAV*, CAV*, and FLAG.
STRBIN is also used to toggle the
2:1 multiplexer, and is fed into
Figure 18: Tx and Rx Data Interface for Single Frame Mode (MDFSEL=0).
Tx
CONFIGURATIONS
CAV*, DAV*
PLL
D00 - D19
FLAG
STRBOUT
STRBIN
Rx
CONFIGURATIONS
CAV*, DAV*, FF
LINKRDY, ERROR
D00 - D19
FLAG
STRBOUT
STAT0, STAT1
ts
th
tstrb
D00 - D19
CAV*, DAV*
FLAG
STRBOUT
STRBIN
td2
D00 - D19
FLAG
CAV*, DAV*, FF
LINKRDY, ERROR
STAT0, STAT1
STRBOUT
td1
ts = SETUP TIME
th = HOLD TIME
tstrb = STRBIN TO STRBOUT DELAY
td1 = STRBOUT TO SYNCHRONOUS OUTPUTS DELAY
td2 = STRBOUT TO STATE MACHINE OUTPUTS DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com