Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1014 Datasheet(PDF) 26 Page - Agilent(Hewlett-Packard)

Part # HDMP-1014
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1014 Datasheet(HTML) 26 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1014 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 30Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
598
HDMP-1012 (Tx), HDMP-1014 (Rx)
Control Frame Structure
M20SEL Not Asserted (16 bit mode)
D-Field
C-Field
D0 - D6
D7
D8
D9 - D15
C0
C1
C2
C3
D0 - D6
01
D7 - D13
001
1
D0 - D6
10
D7 - D13
110
0
HDMP-1012 (Tx), HDMP-1014 (Rx)
Control Frame Structure
M20SEL Asserted (20 bit mode)
D-Field
C-Field
D0 - D8
D9
D10
D11-D19
C0
C1
C2
C3
D
0 - D80
1
D9-D17
001
1
D
0 - D81
0
D9-D17
110
0
occurring between C1 and C2.
Logical FF1 toggles between two
different physical codes, the first
of which advances the falling edge
of FF0 by one bit, the second of
which retards the falling edge of
FF0 by one bit. Two logical fill
frame types are required for link
start up in duplex mode.
Fill Frame Codes
Two logical fill frames are
provided: FF0 and FF1. FF0 is
physically a 50% duty cycle wave
form with its sole rising edge
HDMP-1012 (Tx), HDMP-1014 (Rx)
Fill Frame Structure
M20SEL Not Asserted (16 bit mode)
Fill Frame
D-Field
C-Field
0
1111111
10
0000000
0011
1a
1111111
11
0000000
0011
1b
1111111
00
0000000
0011
HDMP-1012 (Tx), HDMP-1014 (Rx)
Fill Frame Structure
M20SEL Asserted (20 bit mode)
Fill Frame
D-Field
C-Field
0
111111111
10
000000000
0011
1a
111111111
11
000000000
0011
1b
111111111
00
000000000
0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com