Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1014 Datasheet(PDF) 37 Page - Agilent(Hewlett-Packard)

Part # HDMP-1014
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1014 Datasheet(HTML) 37 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1014 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 40Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 41Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
609
the flag input to signify the two
frames. The setup and hold times
are referenced to 1/2 frame
period of D0-D19, or 90 deg,
from the edges of STRBIN. The
multiplexer delay, tmux, should be
considered for timing margins.
The STRBOUT is derived from the
internal sampling clock, and thus
has a frequency double that of
STRBIN. The falling edge of
STRBOUT appears after the rising
and falling edges of STRBIN after
a delay of Tstrb. Other interlacing
techniques can also be achieved
with edge-triggered latches for
improved timing margins.
In the Rx side, the frame D0-D19
are demultiplexed back to the
original C0-C19, and C20-C39
frames with the use of external
edge-triggered flip-flops. The
toggle clock of the flip-flops,
RCLK, is derived by the state of
the FLAG bit. RCLK toggle with
the rising edge of STRBOUT with
a delay of tda. The two frames
appear with the rising and falling
edges of RCLK with a delay of tdb.
All of the synchronous outputs
and state machine outputs appear
after the falling edge of STRBOUT
with delays of td1 and td2
respectively.
The lower frame of C0-C19 can
be delayed further with additional
latches so that both C0-C19 and
C20-C39 frames are synchronous.
Supply Bypassing and
Integrator Capacitor
Figure 20 shows the location of
the PLL integrator capacitors,
power supply capacitors and
required grounding for the Tx and
Rx chips.
Integrating Capacitor
The integrating capacitors (C2)
are required by both the Tx and
Rx to function properly. These
caps are used by the PLL for
frequency and phase lock and
directly set the stability and
lockup times. The designed value
of C2 is 0.1
µF, with a tolerance
of
± 10%. The internal charging
currents are scaled with the DIV0
and DIV1 settings such that the
same capacitor value works with
all four frequency bands. Larger
values of C2 improve jitter
performance, but extend the
lockup times.
Power Supply Bypassing and
Grounding
The G-LINK chip set has been
tested to work well with a single
Figure 19. Transmitter and Receiver Data Interface and Timing for Double Frame Mode (MDFSEL=0).
Tx
CONFIGURATIONS
CAV*, DAV*
PLL
C00 - C19
STRBOUT
STRBIN
Rx
CONFIGURATIONS
CAV*, DAV*, FF
LINKRDY,
ERROR
C00 - C19
STRBOUT
STAT0
STAT1
ts
th
tstrb
CAV*, DAV*
STRBOUT
STRBIN
FLAG
CAV*, DAV*
FF, LINKRDY
ERROR
D00 - D19
STRBOUT
td1
ts = SETUP TIME
th = HOLD TIME
tstrb = STRBIN TO STRBOUT DELAY
tmux = 2:1 MULTIPLEXER DELAY
td1 = STRBOUT TO SYNCHRONOUS OUTPUTS DELAY
td2 = STRBOUT TO STATE MACHINE OUTPUTS DELAY
tda = STRBOUT TO RCLK DELAY
tdb = RCLK TO C00-C39 OUTPUT DELAY
2:1
MUX
0
1
D00 - D19
C20 - C39
C20 - C39
D00 - D19
FLAG
FLAG
1/2 FRAME
PERIOD
1/2 FRAME
PERIOD
ts
th
ts
th
D00 - D19
ts
th
C00 - C19
C20 - C39
C00 - C19
C20 - C39
tmux
td2
STAT0
STAT1
FLAG
RCLK
C00 - C19
C20 - C39
C00 - C19
C20 - C39
tda
tda
tdb
tdb
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com