Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1014 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HDMP-1014
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1014 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1014 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 22Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
590
Tx I/O Definition (cont’d.)
Name
Pin
Type
Signal
STRBOUT
76
O-ECL
Frame-rate Data Clock Output: This output is always a frame rate
clock derived from STRBIN. With a buffer or pulled down with a 1K
resistor to VEE and ac- coupled, this output is ideal for triggering an
oscilloscope for examining the serial output eye pattern DOUT or
LOUT.
VEE
21
S
Power: Normally -5 V
± 10%.
22
41
42
61
62
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com