Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9701 Datasheet(PDF) 4 Page - NEC

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701 Datasheet(HTML) 4 Page - NEC

  PS9701 Datasheet HTML 1Page - NEC PS9701 Datasheet HTML 2Page - NEC PS9701 Datasheet HTML 3Page - NEC PS9701 Datasheet HTML 4Page - NEC PS9701 Datasheet HTML 5Page - NEC PS9701 Datasheet HTML 6Page - NEC PS9701 Datasheet HTML 7Page - NEC PS9701 Datasheet HTML 8Page - NEC PS9701 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P11437EJ4V0DS00
4
PS9701
ELECTRICAL CHARACTERISTICS (TA = 0 to +70
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.9
V
Reverse Current
IR
VR = 5 V, TA = 25
°C10
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C60
pF
Detector High Level Output Current
IOH
VCC = VO = 5.5 V, IF = 250
µA
2
250
µA
Low Level Output Voltage
VOL
VCC = 5.5 V, IF = 7.5 mA, IO = 13 mA
0.3
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA
4
6
8
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA
9
12
15
mA
IFHL
TA = 25
°C
0.5
2.5
5.0
Coupled Threshold Input Current
(H
→ L)
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
7
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60 %,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C0.6
pF
Propagation Delay Time
(H
→ L)*1
tPHL
VCC = 5 V, IF = 7.5 mA, RL = 350
Ω,
CL = 15 pF, TA = 25
°C
36
75
ns
Propagation Delay Time
(L
→ H)*1
tPLH
60
75
Rise Time
tr
20
Fall Time
tf
10
*1 Test circuit for propagation delay time
(PW = 1 s
Duty Cycle = 1/10)
Pulse Input
IF Monitor
6
5
4
0.1
F
RL = 350
Ω
VO
CL
51
Ω
Input
5 V
0
350 mV
(IF = 7.5 mA)
175 mV
(IF = 3.75 mA)
IF
Output
VCC = 5 V
1
3
µ
µ
tPHL
tPLH
1.5 V
VOL
Remark CL is approximately 15 pF, which includes probe and stray wiring capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com