Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9701 Datasheet(PDF) 10 Page - NEC

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701 Datasheet(HTML) 10 Page - NEC

Back Button PS9701 Datasheet HTML 4Page - NEC PS9701 Datasheet HTML 5Page - NEC PS9701 Datasheet HTML 6Page - NEC PS9701 Datasheet HTML 7Page - NEC PS9701 Datasheet HTML 8Page - NEC PS9701 Datasheet HTML 9Page - NEC PS9701 Datasheet HTML 10Page - NEC PS9701 Datasheet HTML 11Page - NEC PS9701 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet P11437EJ4V0DS00
10
PS9701
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter
Symbol
Speck
Unit
Application classification (DIN VDE 0109)
for rated line voltages
≤ 300 Vr.m.s.
IV
for rated line voltages
≤ 600 Vr.m.s.
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
40/085/21
Dielectric strength maximum operating isolation voltage.
Test voltage (partial discharge test procedure a for type test and random test)
UIORM
710
Vpeak
Upr = 1.2 × UIORM, Pd < 5 pC
Upr
850
Vpeak
Test voltage (partial discharge test procedure b for random test)
Upr = 1.6 × UIORM, Pd < 5 pC
Upr
1 140
Vpeak
Highest permissible overvoltage
UTR
4 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 5
mm
Creepage distance
> 5
mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE 0109)
III a
Storage temperature range
Tstg
–55 to +125
°C
Operating temperature range
TA
–40 to +85
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25
°CRis MIN.
10
12
Ω
VIO = 500 V dc at TA MAX. at least 100
°CRis MIN.
10
11
Ω
Safety maximum ratings
(maximum permissible in case of fault, see thermal derating curve)
Package temperature
Tsi
150
°C
Current (input current IF, Psi = 0)
Isi
200
mA
Power (output or total power dissipation)
Psi
300
mW
Isolation resistance
VIO = 500 V dc at TA = 175
°C (Tsi)
Ris MIN.
10
9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com