Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9701 Datasheet(PDF) 6 Page - NEC

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701 Datasheet(HTML) 6 Page - NEC

Back Button PS9701 Datasheet HTML 2Page - NEC PS9701 Datasheet HTML 3Page - NEC PS9701 Datasheet HTML 4Page - NEC PS9701 Datasheet HTML 5Page - NEC PS9701 Datasheet HTML 6Page - NEC PS9701 Datasheet HTML 7Page - NEC PS9701 Datasheet HTML 8Page - NEC PS9701 Datasheet HTML 9Page - NEC PS9701 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11437EJ4V0DS00
6
PS9701
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME vs.
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
Forward Current IF (mA)
FORWARD CURRENT
0
5
10
15
20
25
20
40
60
80
tPLH
tPHL
PROPAGATION DELAY TIME vs.
10
100
500 1 k
5 k 10 k
50 k
50
100
500
1 000
IF = 7.5 mA,
VCC = 5 V,
PW = 1 s,
duty 1/10
tPHL
tPLH
µ
0
–50
–25
0
25
50
75
100
tPLH
tPHL
IF = 7.5 mA,
VCC = 5 V,
RL = 350
Ω
20
40
60
80
100
120
0
–50
–25
0
25
50
75
100
5
10
15
20
25
IF = 7.5 mA,
VCC = 5 V,
RL = 350
Ω
tf
tr
VCC = 5 V,
RL = 350
Ω
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com