Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9701 Datasheet(PDF) 5 Page - NEC

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9701 Datasheet(HTML) 5 Page - NEC

  PS9701 Datasheet HTML 1Page - NEC PS9701 Datasheet HTML 2Page - NEC PS9701 Datasheet HTML 3Page - NEC PS9701 Datasheet HTML 4Page - NEC PS9701 Datasheet HTML 5Page - NEC PS9701 Datasheet HTML 6Page - NEC PS9701 Datasheet HTML 7Page - NEC PS9701 Datasheet HTML 8Page - NEC PS9701 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P11437EJ4V0DS00
5
PS9701
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Current IF (mA)
10
0
20
30
40
50
20
40
60
80
100
MAXIMUM FORWARD CURRENT vs.
20
0
40
60
80
100
20
40
60
80
100
0.01
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1.0
10
100
0.0
–25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Normalized to 1.0
at TA = 25 ˚C, VCC = 5 V,
VO = 0.8 V, RL = 350
Ω
NORMALIZED THRESHOLD INPUT CURRENT
0
24
68
10
12
1
2
3
4
5
6
7
–25
–50
IF = 7.5 mA,
VCC = 5.5 V
5 mA
IOL = 13 mA
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
LOW LEVEL OUTPUT VOLTAGE vs.
0.00
0.75
1.00
1.25
1.50
0.50
0.25
–25
0
25
50
75
100
–50
5 V
RL
VO
TA = 100 ˚C
50 ˚C
25 ˚C
0 ˚C
–25 ˚C
FORWARD CURRENT
OUTPUT VOLTAGE vs.
RL = 100
Ω
350
Ω
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com