Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6962 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL6962 Datasheet HTML 1Page - Hynix Semiconductor GL6962 Datasheet HTML 2Page - Hynix Semiconductor GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GL6962/GL6962A
3
Pin Description
PIN NUMBER
SYMBOL
DESCRIPTION
1
LN
Positive line terminal
2
TGA1
Gain adjustment: transmitting amplifier
3
TGA2
Gain adjustment: transmitting amplifier
4
QR
Non-inverting output: receiving amplifier
5
RGA
Gain adjustment: receiving amplifier
6
MIC-
Inverting microphone input
7
MIC+
Non-Inverting microphone input
8
Iref
Current stabilizer
9
VEE
Negative line terminal
10
IR
Receiving amplifier input
11
DTMF
Dual-tone multi-frequency input
12
MUTE
Mute input
(1)
13
VCC
Positive decoupling
14
REG
Voltage regulator decoupling
15
AGC
Automatic gain control input
16
SLPE
Slope (DC resistance) adjustment.
(1) Pin 12 is active LOW ( MUTE ) for GL6962A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com